Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC576LC3B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC576LC3B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC576LC3B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC576LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC576LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC576LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC576LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC576LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC576LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 100
HMC576LC3B
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 18 - 29 GHz OUTPUT
v01.1208
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V, 3 dBm Drive Level
Typical Applications
The HMC576LC3B is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC576LC3B is a x2 active broadband frequ-
ency multiplier utilizing GaAs PHEMT technology in a
leadless RoHS compliant SMT package. When driven
by a +3 dBm signal, the multiplier provides +15 dBm
typical output power from 18 to 29 GHz. The Fo and
3Fo
isolations
are
>20
dBc
at
24
GHz.
The
HMC576LC3B is ideal for use in LO multiplier chains
for Pt to Pt & VSAT Radios yielding reduced parts
count vs. traditional approaches. The low additive
SSB Phase Noise of -132 dBc/Hz at 100 kHz offset
helps maintain good system noise performance. The
RoHS packaged HMC576LC3B eliminates the need
for wire bonding, and allows the use of surface mount
manufacturing techniques.
High Output Power: +15 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: >20 dBc @ Fout= 24 GHz
100 KHz SSB Phase Noise: -132 dBc/Hz
Single Supply: +5V@ 82 mA
RoHS Compliant 3x3 mm SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
9 - 14.5
GHz
Frequency Range, Output
18 - 29
GHz
Output Power
10
15
dBm
Fo Isolation (with respect to output level)
20
dBc
3Fo Isolation (with respect to output level)
20
dBc
Input Return Loss
10
dB
Output Return Loss
10
dB
SSB Phase Noise (100 kHz Offset)
-132
dBc/Hz
Supply Current (Idd1 & Idd2)
82
mA


Similar Part No. - HMC576LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Analog Devices
HMC576LC3B AD-HMC576LC3B Datasheet
332Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
More results

Similar Description - HMC576LC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC576LC3B AD-HMC576LC3B Datasheet
332Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC576 HITTITE-HMC576_09 Datasheet
224Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Analog Devices
HMC576 AD-HMC576 Datasheet
305Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC576 HITTITE-HMC576 Datasheet
283Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC-C032 HITTITE-HMC-C032 Datasheet
262Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 18 - 29 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com