Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC570LC5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC570LC5
Description  GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC570LC5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC570LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC570LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC570LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC570LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC570LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC570LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 166
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC570LC5
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz
v05.0809
General Description
Features
Typical Applications
The HMC570LC5 is a compact GaAs MMIC I/Q
downconverter
in
a
leadless
RoHS
compliant
SMT package. This device provides a small signal
conversion gain of 10 dB with a noise figure of 3 dB
and 18 dB of image rejection across the frequency
band. The HMC570LC5 utilizes an LNA followed by
an image reject mixer which is driven by an active x2
multiplier. The image reject mixer eliminates the need
for a filter following the LNA, and removes thermal
noise at the image frequency. I and Q mixer outputs
are provided and an external 90° hybrid is needed to
select the required sideband. The HMC570LC5 is a
much smaller alternative to hybrid style image reject
mixer downconverter assemblies, and it eliminates the
need for wire bonding by allowing the use of surface
mount manufacturing techniques.
Electrical Specifications, T
A = +25° C, IF = 100 MHz, LO = +4 dBm, Vdd = 3.5 Vdc*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
17.7 - 19.7
17 - 21
GHz
Frequency Range, LO
7 - 12
7 - 12
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Gain (As IRM)
9
10
8
10
dB
Noise Figure
3
3
dB
Image Rejection
14
17
14
22
dB
1 dB Compression (Input)
-5
-4
-10
-5
dBm
2 LO to RF Isolation
55
70
50
60
dB
2 LO to IF Isolation
35
50
35
45
dB
IP3 (Input)
-5
-2
-5
+2
dBm
Amplitude Balance
0.5
0.5
dB
Phase Balance
12
4
Deg
Total Supply Current
125
165
125
165
mA
*Data taken as IRM with external IF Hybrid
Functional Diagram
The HMC570LC5 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
10 dB Conversion Gain
Image Rejection: 18 dB
2 LO to RF Isolation: 65 dB
Noise Figure: 3 dB
Input IP3: +2 dBm
32 Lead 5x5mm SMT Package: 25mm2


Similar Part No. - HMC570LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results

Similar Description - HMC570LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570_11 Datasheet
393Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
242Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com