Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC570 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC570
Description  GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC570 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC570 Datasheet HTML 1Page - Hittite Microwave Corporation HMC570 Datasheet HTML 2Page - Hittite Microwave Corporation HMC570 Datasheet HTML 3Page - Hittite Microwave Corporation HMC570 Datasheet HTML 4Page - Hittite Microwave Corporation HMC570 Datasheet HTML 5Page - Hittite Microwave Corporation HMC570 Datasheet HTML 6Page - Hittite Microwave Corporation HMC570 Datasheet HTML 7Page - Hittite Microwave Corporation HMC570 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2
2 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC570
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz
v03.0711
General Description
Features
Typical Applications
The Hmc570 is a compact GaAs mmic i/q
downconverter chip which provides a small signal
conversion gain of 10 dB with a noise figure of 3 dB
and 17 dB of image rejection across the frequency
band. The device utilizes an LNA followed by an image
reject mixer which is driven by an active x2 multiplier.
The image reject mixer eliminates the need for a filter
following the LNA, and removes thermal noise at the
image frequency. i and q mixer outputs are provided
and an external 90° hybrid is needed to select the
required sideband. All data shown below is taken
with the chip mounted in a 50 Ohm test fixture and
includes the effects of 1 mil diameter x 20 mil length
bond wires on each port. This product is a much
smaller alternative to hybrid style image reject mixer
downconverter assemblies.
Electrical Specifications, T
A = +25° C, IF = 100 MHz, LO = +4 dBm, Vdd = 3.5 Vdc*
Parameter
min.
Typ.
max.
min.
Typ.
max.
Units
Frequency range, rF
17.7 - 19.7
17 - 21
GHz
Frequency range, LO
7 - 12
7 - 12
GHz
Frequency range, iF
Dc - 3.5
Dc - 3.5
GHz
conversion Gain (As irm)
9
10
9
12
dB
Noise Figure
3
4
dB
image rejection
14
17
14
22
dB
1 dB compression (input)
-7
-4
-10
-6
dBm
2 LO to rF isolation
35
40
30
35
dB
2 LO to iF isolation
28
30
25
30
dB
iP3 (input)
-5
-2
-6
+3
dBm
Amplitude Balance
0.5
0.5
dB
Phase Balance
12
4
Deg
Total supply current
125
165
125
165
mA
*Data taken as irm with external iF hybrid
Functional Diagram
The Hmc570 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
10 dB conversion Gain
image rejection: 17 dB
2 LO to rF isolation: 35 dB
Noise Figure: 3 dB
input iP3: +3 dBm
Die size: 2.33 x 2.73 x 0.10 mm


Similar Part No. - HMC570

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
   Satellite Communications
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results

Similar Description - HMC570

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
242Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com