Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC570 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC570
Description  GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC570 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC570_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC570_11 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Conversion Gain vs. Temperature
Input P1dB vs. Temperature
Conversion Gain vs. LO Drive
Image Rejection vs. Temperature
Return Loss
Input IP3 vs. LO Drive
Data Taken As IRM With External IF Hybrid
-10
-5
0
5
10
15
20
16
17
18
19
20
21
22
+25C
+85C
-55C
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
16
17
18
19
20
21
22
+25C
+85C
-55C
RF FREQUENCY (GHz)
-10
-5
0
5
10
15
20
16
17
18
19
20
21
22
0 dBm
+2 dBm
+4 dBm
+6 dBm
+8 dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
RF
LO
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
16
17
18
19
20
21
22
+25C
+85C
-55C
RF FREQUENCY (GHz)
-10
-5
0
5
10
16
17
18
19
20
21
22
LO = 0 dBm
LO = +2 dBm
LO = +4 dBm
LO = +6 dBm
LO = +8 dBm
RF FREQUENCY (GHz)
HMC570
v03.0711
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz


Similar Part No. - HMC570_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results

Similar Description - HMC570_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
242Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com