Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC565LC5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC565LC5
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC565LC5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC565LC5_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 179
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
Output IP3 vs. Temperature
HMC565LC5
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 6 - 20 GHz
v02.0209
-30
-20
-10
0
10
20
30
0
5
10
15
20
25
30
S21
S11
S22
FREQUENCY (GHz)
0
5
10
15
20
25
30
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
5
10
15
20
25
30
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC565LC5_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC565LC5TR AD-HMC565LC5TR Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC565LC5TR-R5 AD-HMC565LC5TR-R5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC565LC5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com