Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC561LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC561LP3E
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC561LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC561LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC561LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC561LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC561LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC561LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC561LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 86
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 3, 10, 12
GND
Package bottom must also be connected
to RF/DC ground.
2RFIN
Pin is AC coupled and
matched to 50 Ohms.
4 - 9, 14, 16
N/C
These pins are internally not connected; however,
this product was specified with these pins connected
to RF/ DC ground.
11
RFOUT
Pin is AC coupled and
matched to 50 Ohms.
13
Vdd
Supply voltage 5V ± 0.5V. External bypass capacitors
of 100 pF, 1,000 pF and 2.2 μF are required.
15
Vgg
Gate control for multiplier. Adjust to achieve Idd
of 98 mA. Please follow “MMIC Amplifier Biasing
Procedure” Application note.
Pin Description
Application Circuit
Component
Value
C1, C2
100 pF
C3, C4
1,000 pF
C5, C6
2.2 μF
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
v01.0407


Similar Part No. - HMC561LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3E HITTITE-HMC561LP3E Datasheet
353Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
logo
Analog Devices
HMC561LP3E AD-HMC561LP3E Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
More results

Similar Description - HMC561LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561 Datasheet
354Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561_09 Datasheet
280Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC-C056 HITTITE-HMC-C056 Datasheet
229Kb / 4P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 8 - 21 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com