Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC558LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC558LC3B
Description  GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC558LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC558LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 318
MxN Spurious Outputs
Input IP2 vs. Temperature
@ LO = +15 dBm *
Input IP3 vs. LO Drive *
Input IP3 vs. Temperature
@ LO = +15 dBm *
Input IP2 vs. LO Drive *
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
Input P1dB vs. Temperature
@ LO = +15 dBm
nLO
mRF
0
1234
0xx
-6
22
17
33
1100
25
49
51
278
50
82
51
74
3
7878757578
4
7878787878
RF = 8.1 GHz @ -10 dBm
LO = 8 GHz @ +15 dBm
All values in dBc below the IF output power level.
10
15
20
25
30
57
9
11
13
15
+9 dBm
+12 dBm
+15 dBm
+18 dBm
+20 dBm
FREQUENCY (GHz)
6
8
10
12
14
16
57
9
11
13
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
57
9
11
13
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
57
9
11
13
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
57
9
11
13
15
+9 dBm
+12 dBm
+15 dBm
+18 dBm
+20 dBm
FREQUENCY (GHz)
HMC558LC3B
v02.1208
GaAs MMIC FUNDAMENTAL
MIXER, 5.5 - 14.0 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn