Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC558LC3B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC558LC3B
Description  GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC558LC3B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC558LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC558LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 317
Conversion Gain vs. Temperature
@ LO = +15 dBm
Conversion Gain vs. LO Drive
Isolation @ LO = +15 dBm
IF Bandwidth @ LO = +15 dBm
Return Loss @ LO = +15 dBm
Upconverter Performance
Conversion Gain vs. LO Drive
-20
-15
-10
-5
0
4
6
8
10
12
14
16
+25C
+85C
-40C
FREQUENCY (GHz)
-16
-12
-8
-4
0
4
6
8
10
12
14
16
+9 dBm
+12 dBm
+15 dBm
+18 dBm
+20 dBm
FREQUENCY (GHz)
-16
-12
-8
-4
0
4
6
8
10
12
14
16
+12dBm
+15dBm
+18dBm
+20dBm
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
123
456
7
IF
Conversion Gain
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
4
6
8
10
12
14
16
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
RF
LO
FREQUENCY (GHz)
HMC558LC3B
v02.1208
GaAs MMIC FUNDAMENTAL
MIXER, 5.5 - 14.0 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn