Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC550 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC550
Description  GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC550 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC550 Datasheet HTML 1Page - Hittite Microwave Corporation HMC550 Datasheet HTML 2Page - Hittite Microwave Corporation HMC550 Datasheet HTML 3Page - Hittite Microwave Corporation HMC550 Datasheet HTML 4Page - Hittite Microwave Corporation HMC550 Datasheet HTML 5Page - Hittite Microwave Corporation HMC550 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
14
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
14 - 2
Return Loss
Insertion Loss
Isolation
Input P0.1dB vs. Temperature
v01.1010
HMC550 / 550E
-2.5
-2
-1.5
-1
-0.5
0
0
1
2
3
4
5
6
7
8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
+25C
+85C
-40C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
+25C
+85C
-40C
FREQUENCY (GHz)
30
35
40
45
50
55
60
0
1
2
3
4
5
6
+25C
+85C
-40C
FREQUENCY (GHz)
Input IP3 vs. Temperature
GaAs MMIC SPST
FAILSAFE SWITCH, DC - 6 GHz


Similar Part No. - HMC550

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550AE AD-HMC550AE Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC550E HITTITE-HMC550E Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results

Similar Description - HMC550

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
   GaAs SPST Switch DC-6 GHz
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
   DC - 8 GHZ GAAS MMIC SPST SWITCH
SSW-508 STANFORD-SSW-508 Datasheet
83Kb / 2P
   DC-4 GHz GaAs MMIC SPST Switch
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7_08 Datasheet
186Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6 GHz
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
logo
Excelics Semiconductor,...
EMS101-P1 EXCELICS-EMS101-P1 Datasheet
51Kb / 2P
   DC - 6 GHz GaAs MMIC SPDT SWITCH
logo
Hittite Microwave Corpo...
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com