Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT541A Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC74HCT541A
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT541A Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCT541A Datasheet HTML 1Page - Motorola, Inc MC74HCT541A Datasheet HTML 2Page - Motorola, Inc MC74HCT541A Datasheet HTML 3Page - Motorola, Inc MC74HCT541A Datasheet HTML 4Page - Motorola, Inc MC74HCT541A Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74HCT541A
High–Speed CMOS Logic Data
DL129 — Rev 6
3–3
MOTOROLA
AC CHARACTERISTICS (VCC = 5.0V, CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 3)
23
28
32
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
30
34
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
30
34
38
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in High Impedance
State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Buffer)*
55
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
Figure 1.
CL*
*Includes all probe and jig capacitance
TEST
POINT
OE1 or OE2
1.3V
3.0V
GND
OUTPUT Y
tPZL
OUTPUT Y
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
1.3V
1.3V
Figure 2.
SWITCHING WAVEFORMS
DEVICE
UNDER
TEST
OUTPUT
TEST CIRCUITS
Figure 3.
Figure 4.
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
1k
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
3.0V
GND
INPUT A
OUTPUT Y
tPLH
tPHL
90%
1.3V
10%
tr
tTLH
tf
tTHL
90%
1.3V
10%
1.3V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn