Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74HCT541A Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC74HCT541A
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74HCT541A Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 1
© Motorola, Inc. 1995
10/95
Octal 3-State Non-Inverting
Buffer/Line Driver/
Line Receiver With
LSTTL-Compatible Inputs
High–Performance Silicon–Gate CMOS
The MC74HCT541A is identical in pinout to the LS541. This device may
be used as a level converter for interfacing TTL or NMOS outputs to high
speed CMOS inputs.
The HCT541A is an octal non–inverting buffer/line driver/line receiver
designed to be used with 3–state memory address drivers, clock drivers, and
other bus–oriented systems. This device features inputs and outputs on
opposite sides of the package and two ANDed active–low output enables.
• Output Drive Capability: 15 LSTTL Loads
• TTL/NMOS–Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 4.5 to 5.5V
• Low Input Current: 1µA
• In Compliance With the JEDEC Standard No. 7A Requirements
• Chip Complexity: 134 FETs or 33.5 Equivalent Gates
18
Y1
2
A1
17
Y2
3
A2
16
Y3
4
A3
15
Y4
5
A4
14
Y5
6
A5
13
Y6
7
A6
12
Y7
8
A7
11
Y8
9
A8
OE1
OE2
1
19
Output
Enables
Data
Inputs
Non–Inverting
Outputs
PIN 20 = VCC
PIN 10 = GND
LOGIC DIAGRAM
Pinout: 20–Lead Packages (Top View)
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
L
L
H
X
L
L
X
H
L
H
X
X
MC74HCT541A
FUNCTION TABLE
Inputs
Output Y
OE1
OE2
A
L
H
Z
Z
Z = High Impedance
X = Don’t Care
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC74HCTXXXAN
MC74HCTXXXADW
Plastic
SOIC
1
20
1
20


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn