Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC525 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC525
Description  GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC525 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC525 Datasheet HTML 1Page - Hittite Microwave Corporation HMC525 Datasheet HTML 2Page - Hittite Microwave Corporation HMC525 Datasheet HTML 3Page - Hittite Microwave Corporation HMC525 Datasheet HTML 4Page - Hittite Microwave Corporation HMC525 Datasheet HTML 5Page - Hittite Microwave Corporation HMC525 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
3.5
40
40
54
50
4.5
43
45
58
53
5.5
51
57
48
67
6.5
59
63
64
56
7.5
48
66
64
62
8.5
44
65
60
67
LO = +15 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-11
32
23
51
132042
51
66
289
62
74
65
89
3
8989898289
4
8989898989
RF = 5.6 GHz @ -10 dBm
LO = 5.5 GHz @ +15 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 9.7 mW/°C above 85°C)
631 mW
Thermal Resistance (R
TH
)
(junction to die bottom)
103 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 deg °C
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC525
v01.1007
GaAs MMIC I/Q MIXER
4.0 - 8.5 GHz


Similar Part No. - HMC525

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
logo
Micross Components
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC525A AD-HMC525A Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
HMC525A-SX AD-HMC525A-SX Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
More results

Similar Description - HMC525

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009_1 Datasheet
231Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009 Datasheet
488Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com