Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC524LC3B Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC524LC3B
Description  GaAs MMIC I/Q MIXER 22 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC524LC3B Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC524LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC524LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC524LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC524LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC524LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC524LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 121
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30 - 80 MICROINCHES
GOLD OVER 50 MICROINCHES MINIMUM NICKLE
3. DIMENSIONS ARE IN INCHES [MILLIMETERS]
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND
7. CLASSIFIED AS A MOISTURE SENSITIVITY LEVEL (MSL) 1.
MxN Spurious Outputs
nLO
mRF
0
1234
0
xx
-13
27
xx
xx
1180
35
52
xx
276
74
87
74
82
3
xx
83877787
4xx
xx
82
87
87
RF = 24.5 GHz @ -10 dBm
LO = 24.4 GHz @ 17 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 9.8 mW/°C above 85°C)
340 mW
Thermal Resistance (R
TH
)
(junction to die bottom)
191.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC524LC3B
v02.1208
GaAs MMIC I/Q MIXER
22 - 32 GHz


Similar Part No. - HMC524LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC524LC3B HITTITE-HMC524LC3B Datasheet
197Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
More results

Similar Description - HMC524LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC524LC3B HITTITE-HMC524LC3B Datasheet
197Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524 HITTITE-HMC524_09 Datasheet
233Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
logo
Analog Devices
HMC524ALC3B AD-HMC524ALC3B Datasheet
507Kb / 24P
   22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com