Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC520LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC520LC4
Description  GaAs MMIC I/Q MIXER 6 - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC520LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC520LC4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC520LC4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC520LC4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC520LC4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC520LC4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC520LC4_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 2, 6-8, 10,
13, 17-24
N/C
No connection required. These pins may be connected
to RF/DC ground without affecting performance.
3, 5, 12,
14, 16
GND
These pins and package bottom must
be connected to RF/DC ground.
4RF
This pin is AC coupled and matched to
50 Ohms from 6 to 10 GHz.
9IF1
This pin is DC coupled. For applications not requir-
ing operation to DC, this port should be DC blocked
externally using a series capacitor whose value has
been chosen to pass the necessary IF frequency range.
For operation to DC, this pin must not source/sink more
than 3mA of current or part non-function and possible
part failure will result.
11
IF2
15
LO
This pin is AC coupled and matched to
50 Ohms from 6 to 10 GHz.
Pin Descriptions
HMC520LC4
v02.1208
GaAs MMIC I/Q MIXER
6 - 10 GHz


Similar Part No. - HMC520LC4_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

Similar Description - HMC520LC4_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526_09 Datasheet
234Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520_10 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
   6-10 GHz I/Q Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com