Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT273A Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC74HCT273A
Description  Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT273A Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCT273A Datasheet HTML 1Page - Motorola, Inc MC74HCT273A Datasheet HTML 2Page - Motorola, Inc MC74HCT273A Datasheet HTML 3Page - Motorola, Inc MC74HCT273A Datasheet HTML 4Page - Motorola, Inc MC74HCT273A Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74HCT273A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
Fi
Guaranteed Limit
Ui
Symbol
Parameter
Fig.
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
1, 4
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
1, 4
25
28
35
ns
tPHL
Maximum Propagation Delay, Reset to Q
2, 4
25
28
35
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
1, 5
18
20
22
ns
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
PDi
i
i
C
i
(P
G
)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Gate)*
30
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
Fi
Guaranteed Limit
Ui
Sb l
P
Fi
– 55 to 25
_C
v 85_C
v 125_C
Ui
Symbol
Parameter
Fig.
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
3
10
12
15
ns
th
Minimum Hold Time, Clock to Data
3
3.0
3.0
3.0
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock
2
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
1
12
15
18
ns
tw
Minimum Pulse Width, Set or Reset
2
12
15
18
ns
tr, tf
Maximum Input Rise and Fall Times
1
500
500
500
ns


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn