Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT273A Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74HCT273A
Description  Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74HCT273A Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74HCT273A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
Figure 1.
CLOCK
Q
tr
tf
3.0 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
1.3 V
DATA
CLOCK
3.0 V
Figure 2.
VALID
GND
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
tw
1/fmax
3.0 V
GND
tsu
th
1.3 V
RESET
Q
CLOCK
tw
1.3 V
1.3 V
1.3 V
3.0 V
GND
3.0 V
GND
tPHL
Figure 4. Test Circuit
trec
EXPANDED LOGIC DIAGRAM
C
D R
Q
D0
3
2
Q0
C
D R
Q
D1
4
5
Q1
C
D R
Q
D2
7
6
Q2
C
D R
Q
D3
8
9
Q3
C
D R
Q
D4
13
12
Q4
C
D R
Q
D5
14
15
Q5
C
D R
Q
D6
17
16
Q6
C
D R
Q
D7
18
19
Q7
11
1
DATA
INPUTS
NONINVERTING
OUTPUTS
CLOCK
RESET
SWITCHING WAVEFORMS


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn