Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC488MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC488MS8GE
Description  GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4 - 7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC488MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC488MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC488MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 300
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC488MS8G / 488MS8GE
v03.0608
General Description
Features
Functional Diagram
Low Conversion Loss: 7 dB
Double-Balanced Topology
Integrated LO Amplifier: 0 to +6 dBm Drive
Input IP3: +15 dBm
Single Supply: +5V @ 46 mA
MSOP8-G Package: 14.8 mm2
Electrical Specifications, T
A = +25° C, IF= 100 MHz, Vdd= 5V
Typical Applications
The HMC488MS8G / HMC488MS8GE is ideal for:
• Basestations & Repeaters
• Access Points & Subscribers
• UNII, ISM, WLAN & WiMAX
• Point to Point/Multi-Point Radios
• VSAT Radio
The HMC488MS8G(E) is an ultra miniature double-
balanced mixer with integrated LO amplifier in an 8
lead plastic SMT MSOP8-G covering 4 - 7 GHz. This
passive MMIC mixer integrates a GaAs Schottky
diode quad, transformer baluns and a LO buffer
on a single chip yielding a low conversion loss of
7 dB coupled with an input IP3 of +15 dBm. The LO
buffer amplifier can be driven from 0 to +6 dBm and
requires a single supply of +5V @ 46 mA. The device
can be used as an upconverter, downconverter or
bi-phase (de)modulator for a variety of point-to-point/
multipoint, VSAT, telemetry or broadband WLAN
applications.
GaAs MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 4 - 7 GHz
Parameter
LO = +2 dBm
LO = 0 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
4 - 7
5 - 6
GHz
Frequency Range, IF
DC - 2.5
DC - 2.5
GHz
Conversion Loss
7
9.5
8
10.5
dB
Noise Figure (SSB)
7
8
dB
LO to RF Isolation
25
30
27
32
dB
LO to IF Isolation
16
20
20
25
dB
IP3 (Input)
15
15
dBm
1 dB Gain Compression (Input)
5
8
6
9
dBm
Supply Current (Idd)
46
60
46
60
mA


Similar Part No. - HMC488MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC488MS8G HITTITE-HMC488MS8G Datasheet
199Kb / 6P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
More results

Similar Description - HMC488MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com