Electronic Components Datasheet Search |
|
489LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation |
|
489LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation |
4 / 6 page For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 11 11 - 279 Power Dissipation* 7 7.5 8 8.5 9 9.5 10 10.5 -10 -8 -6 -4 -2 0246 8 10 12 14 16 18 20 22 24 INPUT POWER (dBm) 14 GHz Max Pdiss @ +85C Vdd (Vdc) Idd (mA) +6.5 1330 +7.0 1300 +7.5 1285 Typical Supply Current vs. Vdd Note: Amplifier will operate over full voltage ranges shown above. Vgg adjusted to achieve Idd= 1300 mA at +7.0V. Absolute Maximum Ratings Drain Bias Voltage (Vdd1, 2, 3, 4, 5) +8 Vdc Gate Bias Voltage (Vgg) -2.0 to 0 Vdc RF Input Power (RFIN)(Vdd = +7.0 Vdc) +28 dBm Channel Temperature 150 °C Continuous Pdiss (T= 85 °C) (derate 154 mW/°C above 85 °C) 10 W Thermal Resistance (channel to ground paddle) 6.5 °C/W Storage Temperature -65 to +150 °C Operating Temperature -40 to +85 °C Outline Drawing * Refer to “Thermal Management for Surface Mount Components” application note herein. Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC489LP5 Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] H489 XXXX HMC489LP5E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] H489 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN. Package Information HMC489LP5 / 489LP5E SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz v01.0705 ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS |
Similar Part No. - 489LP5E |
|
Similar Description - 489LP5E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |