Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT707278S Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT707278S
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT707278S Datasheet HTML 5Page - Integrated Device Technology IDT707278S Datasheet HTML 6Page - Integrated Device Technology IDT707278S Datasheet HTML 7Page - Integrated Device Technology IDT707278S Datasheet HTML 8Page - Integrated Device Technology IDT707278S Datasheet HTML 9Page - Integrated Device Technology IDT707278S Datasheet HTML 10Page - Integrated Device Technology IDT707278S Datasheet HTML 11Page - Integrated Device Technology IDT707278S Datasheet HTML 12Page - Integrated Device Technology IDT707278S Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
9
NO
T RECOMMENDED
FOR
NEW
DESIGNS
Truth Table V – Mailbox Interrupts (CE = VIH)(8,9)
NOTES:
1. There are four independent mailbox locations available to each side, external to the standard memory array. The mailboxes can be written to in either 8-bit or
16-bit widths. The upper byte of each mailbox has an associated interrupt to the opposite port. The mailbox interrupts can be individually masked if desired,
and the status of the interrupt determined by polling the Interrupt Status Register (see Note 6 for this table). A port can read its own mailboxes to verify the data
written, without affecting the interrupt which is sent to the opposite port.
2. These registers allow a port to read the data written to a specific mailbox location by the opposite port. Reading the upper byte of the data in a particular
mailbox clears the interrupt associated with that mailbox without modifying the data written. Once the address and R/
W are stable, the actual clearing of the
interrupt is triggered by the transition of
MBSEL from VIH to VIL.
3. This register contains the Mask Register (bits D0-D3), the Interrupt Cause Register (bits D4-D7), and the Interrupt Status Register (bits D8-D11). The controls for
R/W, UB, and LB are manipulated in accordance with the appropriate function. See Notes 4, 5, and 6 for this table. Bits D12-D15 are "Don't Care".
4. This register, the Mask Register, allows the user to independently mask the various interrupt sources. Writing VIH to the appropriate bit (D0 = Mailbox 0, D1 =
Mailbox 1, D2 = Mailbox 2, and D3 = Mailbox 3) disables the interrupt, while writing VIL enables the interrupt. All four bits in this register must be written at the
same time. This register can be read at any time to verify the mask settings. The masks are individual and independent: any single interrupt source can be
masked with no effect on the other sources. Each port can modify only its own mask settings.
5. This register, the Interrupt Cause Register, gives the user a snapshot of what has caused the interrupt to be generated. Reading VOL for a specific bit (D4 =
Mailbox 0, D5 = Mailbox 1, D6 = Mailbox 2, and D7 = Mailbox 3) indicates that the associated interrupt source has generated an interrupt. Acknowledging the
interrupt clears the bit in this register (see Note 2 for this table). This register provides post-mask information: if the interrupt source has been masked, the
associated bit in this register will not update.
6. This register, the Interrupt Status Register, gives the user the status of all interrupt sources that could potentially cause an interrupt regardless of whether they
have been masked. Reading VOL for a specific bit (D8 = Mailbox 0, D9 = Mailbox 1, D10 = Mailbox 2, and D11 = Mailbox 3) indicates that the associated
interrupt source has generated an interrupt. Acknowledging the interrupt clears the associated bit in this register (see Note 2 for this table). This register provides
pre-mask information: regardless of whether an interrupt source has been masked, the associated bit in this register will update.
7. Access to registers defined as "RESERVED" will have no effect, if written, and if read unknown values on D0-D15 will be returned.
8. These registers are not guaranteed to initialize in any known state. At power-up, the initialization sequence should include the set-up of these registers.
9. 'L' = VIL or VOL, 'H' = VIH or VOH, 'X' = Don't Care.
MB
SEL
R/
WUB
LB
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
DESCRIPTION
L
X
X
X
LLLL
LL
RESERVED (7)
RESERVED (7)
LX
X
X
RESERVED (7)
RESERVED (7)
L
(1)
(1)
(1)
HL
L
L
L
L
X
XXXXX
XXXX
XXXXX
X
MAILBOX 0 - SET INTERRUPT ON OPPOSITE PORT
L
(1)
(1)
(1)
HL
L
L
L
H
X
XXXXX
XXXX
XXXXX
X
MAILBOX 1 - SET INTERRUPT ON OPPOSITE PORT
L
(1)
(1)
(1)
HL
L
L
H
L
X
XXXXX
XXXX
XXXXX
X
MAILBOX 2 - SET INTERRUPT ON OPPOSITE PORT
L
(1)
(1)
(1)
HL
L
L
H
H
X
XXXXX
XXXX
XXXXX
X
MAILBOX 3 - SET INTERRUPT ON OPPOSITE PORT
H
(2)
(2)
H
L
L
H
L
L
X
XXXXX
XXXX
XXXXX
X
MAILBOX 0 - CLEAR OPPOSITE PORT INTERRUPT
H
(2)
(2)
H
L
L
H
L
H
X
XXXXX
XXXX
XXXXX
X
MAILBOX 1 - CLEAR OPPOSITE PORT INTERRUPT
H
(2)
(2)
H
L
L
H
H
L
X
XXXXX
XXXX
XXXXX
X
MAILBOX 2 - CLEAR OPPOSITE PORT INTERRUPT
H
(2)
(2)
H
L
L
H
H
H
X
XXXXX
XXXX
XXXXX
X
MAILBOX 3 - CLEAR OPPOSITE PORT INTERRUPT
L
(3)
(3)
(3)
H
L
H
L
L
L
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(6)
(6)
(6)
(6)
X
X
X
X
MAILBOX INTERRUPT CONTROLS
LX
X
X
RESERVED (7)
RESERVED (7)
L
X
X
X
HHHHH
H
RESERVED (7)
RESERVED (7)
3739 tbl 14


Similar Part No. - IDT707278S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278S15PF IDT-IDT707278S15PF Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278S15PFI IDT-IDT707278S15PFI Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278S20PF IDT-IDT707278S20PF Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278S20PFI IDT-IDT707278S20PFI Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278 Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com