Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

482ST89E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 482ST89E
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

482ST89E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  482ST89E Datasheet HTML 1Page - Hittite Microwave Corporation 482ST89E Datasheet HTML 2Page - Hittite Microwave Corporation 482ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 482ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 482ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 482ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 140
General Description
Features
Functional Diagram
The HMC482ST89 & HMC482ST89E are SiGe
Heterojunction Bipolar Transistor (HBT) Gain Block
MMIC SMT amplifiers covering DC to 5 GHz. Packaged
in an industry standard SOT89, the amplifier can
be used as a cascadable 50 Ohm RF/IF gain stage
as well as a LO or PA driver with up to +24 dBm out-
put power. The Darlington feedback pair results in
reduced sensitivity to normal process variations and
excellent gain stability over temperature while requiring
a minimal number of external bias components.
P1dB Output Power: +22 dBm
Gain: 20 dB
Output IP3: +36 dBm
Cascadable 50 Ohm I/Os
Single Supply: +6V to +12V
Industry Standard SOT89 Package
Included in the HMC-DK001 Designer’s Kit
Typical Applications
The HMC482ST89 / HMC482ST89E is an ideal RF/IF
gain block & LO or PA driver for:
• Cellular / PCS / 3G
• Fixed Wireless, WLAN & WiMAX
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 8.0 V, Rbias= 27 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
17
15
12.5
10
8
19
17
14.5
12
10
dB
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 5 GHz
0.008
0.016
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 5.0 GHz
15
18
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
20
14
12
8
dB
dB
dB
dB
Reverse Isolation
DC - 5 GHz
16
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
19.5
17
14.5
12.5
10.5
22.5
20
17.5
15.5
13.5
dBm
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
36
35
32
30
28
dBm
dBm
dBm
dBm
dBm
Noise Figure
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 5.0 GHz
4
5
5.5
dB
dB
dB
Supply Current (Icq)
110
mA
Note: Data taken with broadband bias tee on device output.
HMC482ST89 / 482ST89E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5 GHz
v04.0710


Similar Part No. - 482ST89E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
logo
Mallory performance clu...
482 MALLORY-482 Datasheet
68Kb / 2P
   ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
List of Unclassifed Man...
482 ETC2-482 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
482 BITECH-482 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
ETAL Group
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
More results

Similar Description - 482ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC471MS8G HITTITE-HMC471MS8G_09 Datasheet
307Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com