Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU4032S95AG2 Datasheet(PDF) 3 Page - EPCOS

Part # CU4032S95AG2
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032S95AG2 Datasheet(HTML) 3 Page - EPCOS

  CU4032S95AG2 Datasheet HTML 1Page - EPCOS CU4032S95AG2 Datasheet HTML 2Page - EPCOS CU4032S95AG2 Datasheet HTML 3Page - EPCOS CU4032S95AG2 Datasheet HTML 4Page - EPCOS CU4032S95AG2 Datasheet HTML 5Page - EPCOS CU4032S95AG2 Datasheet HTML 6Page - EPCOS CU4032S95AG2 Datasheet HTML 7Page - EPCOS CU4032S95AG2 Datasheet HTML 8Page - EPCOS CU4032S95AG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
High surge voltage capability up to 2 kV for 10/700 µs
(acc. to German telecom administration standards)
High surge load capability acc. to IEC 61000-4-5
Matched to line conditions with or without superimposed ringing voltages
PSpice models available
RoHS-compatible
Applications
EMI protection for:
Line cards in switching exchange systems
Terminal devices such as telephones, fax, modems
xDSL, PBX, DECT lines
Design
Cylindrical varistor element, encapsulated.
Encapsulation: thermoplastic, flame-retardant to UL 94 V-0.
Termination: tinned copper alloy, suitable for lead-free wave and reflow soldering, and
compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted by VRMS and
then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
60 ... 95
V
Maximum DC operating voltage
VDC,max
85 ... 125
V
Maximum surge current
(10 pulses, 10/700 µs)
Isurge,max
45
A
Maximum energy absorption
(2 ms)
Wmax
4800 ... 7600
mJ
Maximum clamping voltage
(8/20 µs)
Vclamp,max
200 ... 270
V
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
SMD disk varistors (CU varistors)
Telecom series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CU4032S95AG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU4032S95AG2 EPCOS-CU4032S95AG2 Datasheet
89Kb / 3P
   SMD Varistors
CU4032S95AG2 EPCOS-CU4032S95AG2 Datasheet
711Kb / 28P
   Ceramic transient voltage suppressors SMD disk varistors for telecom applications
CU4032S95AG2 EPCOS-CU4032S95AG2 Datasheet
711Kb / 28P
   Ceramic transient voltage suppressors SMD disk varistors for telecom applications
CU4032S95AG2 EPCOS-CU4032S95AG2_08 Datasheet
711Kb / 28P
   Ceramic transient voltage suppressors SMD disk varistors for telecom applications
More results

Similar Description - CU4032S95AG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com