Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC471MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC471MS8GE
Description  SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC471MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC471MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC471MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 52
General Description
Functional Diagram
The HMC471MS8G & HMC471MS8GE are SiGe HBT
Dual Channel Gain Block MMIC SMT amplifiers cov-
ering DC to 5 GHz. These versatile products contain
two gain blocks, packaged in a single 8 lead plas-
tic MSOP, for use as either separate cascadable 50
Ohm RF/IF gain stages, LO or PA drivers or with both
amplifiers combined utilizing external 90° hybrids to
create a high linearity driver amplifier. Each ampli-
fier in the HMC471MS8G(E) offers 20 dB of gain,
+20 dBm P1dB with a +34 dBm output IP3 at 850
MHz while requiring only 80 mA from a single positive
supply. The combined dual amplifier circuit delivers
up to +21 dBm P1dB with +36 dBm OIP3 for specific
application bands through 4 GHz.
P1dB Output Power: +20 dBm
Gain: 20 dB
Output IP3: +34 dBm
Supply (Vs): +6V to +12V
14.9 mm2 Ultra Small 8 Lead MSOP
Typical Applications
The HMC471MS8G / HMC471MS8GE is a dual RF/IF
gain block & LO or PA driver:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 8.0 V, Rbias= 39 Ohm, T
A = +25° C
Note: Data taken with broadband bias tee on device output. All specifications refer to a single amplifier.
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
18.5
15.5
13
10.5
8
21
17.5
15
12.5
10
dB
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 5 GHz
0.008
0.012
dB/ °C
Input Return Loss
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 5.0 GHz
12
14
8
dB
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 5.0 GHz
13
9
7
5
dB
dB
dB
dB
Reverse Isolation
DC - 5 GHz
20
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
16
14
11
9
7
19
17
14
12
10
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
34
32
27
25
22
dBm
dBm
dBm
dBm
dBm
Noise Figure
DC - 4 GHz
4.0 - 5.0 GHz
3.25
4.0
dB
dB
Supply Current (Icq)
80
mA
Features
HMC471MS8G / 471MS8GE
SiGe HBT DUAL CHANNEL GAIN
BLOCK MMIC AMPLIFIER, DC - 5 GHz
v01.0605


Similar Part No. - HMC471MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results

Similar Description - HMC471MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC469MS8G HITTITE-HMC469MS8G_09 Datasheet
306Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC469MS8G HITTITE-HMC469MS8G Datasheet
310Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com