Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9147-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9147-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9147-01 Datasheet HTML 2Page - Integrated Device Technology ICS9147-01 Datasheet HTML 3Page - Integrated Device Technology ICS9147-01 Datasheet HTML 4Page - Integrated Device Technology ICS9147-01 Datasheet HTML 5Page - Integrated Device Technology ICS9147-01 Datasheet HTML 6Page - Integrated Device Technology ICS9147-01 Datasheet HTML 7Page - Integrated Device Technology ICS9147-01 Datasheet HTML 8Page - Integrated Device Technology ICS9147-01 Datasheet HTML 9Page - Integrated Device Technology ICS9147-01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ICS9147-01
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV L
Is
t
u
p
n
i
e
m
it
ll
u
F
d
n
a
s
t
u
p
n
i
d
e
h
c
t
a
L-
-
V
2
.
0D
DV
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV H
Is
t
u
p
n
i
e
m
it
ll
u
F
d
n
a
s
t
u
p
n
i
d
e
h
c
t
a
LV
7
.
0D
D-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
I)
s
t
u
p
n
i
e
m
it
ll
u
F
(
V
0
=0
.
8
2
-5
.
0
1
--
A
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D)
s
t
u
p
n
i
e
m
it
ll
u
F
(0
.
5
--
0
.
5A
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
Ia
1
L
OV L
OV
;
M
A
R
D
S
,
U
P
C
;
V
8
.
0
=2
D
DV
3
.
3
=0
.
9
10
.
0
3-
A
m
Ib
1
L
OV L
OV
5
.
2
=
2
D
D
V
;
U
P
C
;
V
8
.
0
=0
.
9
10
.
0
3A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
Ia
1
H
OV H
OV
;
M
A
R
D
S
,
U
P
C
;
V
0
.
2
=2
D
DV
3
.
3
=-
0
.
6
2
-0
.
6
1
-A
m
Ib
1
H
OV H
OV
;
U
P
C
;
V
0
.
2
=2
D
DV
5
.
2
=5
.
2
1
-5
.
9
-A
m
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
OI
2
L
OV L
OF
E
R
,
S
U
B
,
8
4
,
4
2
d
e
x
if
r
o
f
;
V
8
.
0
=0
.
6
10
.
5
2-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
OI
2
H
OV H
OF
E
R
,
S
U
B
,
8
4
,
4
2
d
e
x
if
r
o
f
;
V
0
.
2
=-
0
.
2
2
-0
.
4
1
-A
m
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
Ia
3
L
OV L
OV
;
C
I
P
A
O
I
;
V
8
.
0
=2
D
DV
3
.
3
=0
.
9
10
.
3
3-
A
m
Ib
3
L
OV L
OV
;
C
I
P
A
O
I
;
V
8
.
0
=2
D
DV
5
.
2
=0
.
9
10
.
3
3A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
Ia
3
H
OV H
OV
t
a
C
I
P
A
O
I
r
o
f
V
0
.
2
=2
D
DV
3
.
3
=-
0
.
5
4
-0
.
6
1
-A
m
Ib
3
H
OV H
OV
;
C
I
P
A
O
I
;
V
0
.
2
=2
D
DV
5
.
2
=0
.
3
1
-0
.
0
1
-A
m
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
Va
1
L
OI L
OV
;
M
A
R
D
S
,
U
P
C
;
A
m
0
1
=2
D
DV
3
.
3
=-
3
.
04
.
0V
Vb
1
L
OI L
OV
;
U
P
C
;
A
m
0
1
=2
D
DV
5
.
2
=3
.
04
.
0V
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
Va
1
H
OI H
OV
;
M
A
R
D
S
,
U
P
C
;
A
m
0
1
-
=D
DV
3
.
3
=4
.
28
.
2-
V
Vb
1
H
OI H
OV
5
.
2
=
2
D
D
V
;
U
P
C
;
A
m
0
1
-
=5
9
.
11
.
2V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
2
L
OI L
Os
K
L
C
d
e
x
if
r
o
f
;
A
m
8
=-
3
.
04
.
0V
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV
2
H
OI H
Os
K
L
C
d
e
x
if
r
o
f
;
A
m
8
-
=4
.
28
.
2-
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
Va
3
L
OI L
OV
t
a
C
I
P
A
O
I
r
o
f
;
A
m
0
1
=2
D
DV
3
.
3
=-
3
.
04
.
0V
Vb
3
L
OI L
OV
5
.
2
=
2
D
D
V
;
C
I
P
A
O
I
;
A
m
0
1
=3
.
04
.
0V
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
Va
3
H
OI H
OV
t
a
C
I
P
A
O
I
r
o
f
;
A
m
0
1
-
=2
D
DV
3
.
3
=4
.
28
.
2-
V
Vb
3
H
OI H
OV
;
C
I
P
A
O
I
;
A
m
0
1
-
=2
D
DV
5
.
2
=0
.
22
.
2-
V
t
n
e
r
r
u
C
y
l
p
p
u
SI D
Dd
e
d
a
o
l
n
u
s
t
u
p
t
u
o
ll
a
;
z
H
M
6
.
6
6
@-
0
2
10
8
1A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
P
D
Dn
w
o
D
r
e
w
o
P0
0
30
0
5A


Similar Part No. - ICS9147-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
More results

Similar Description - ICS9147-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
   Frequency Generator & Integrated Buffers
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com