Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6HF-6102 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6HF-6102
Description  Slide DIP Switch (SMT Half-pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6HF-6102 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6HF-6102 Datasheet HTML 1Page - Omron Electronics LLC A6HF-6102 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
A6HF
A6HF
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Internal Connections
Contact Form (Top View)
Precautions
Be sure to read the Safety precautions common to all DIP Switches for correct use.
6.2±0.3
A±0.5
2.2±0.1
8.12±0.5
0.57±0.2
0.76
1.27
×(P-1)±0.1
1.27
P: Number of poles
6.35
8.89
7.6
Seal tape
0.4
1.27
1.27
×(P-1)
0.1
A6HF
ON
12 3 4 5 6 7 8
Standard
A6HF-@102
A6HF-@102-P
A6HF-@102-PM
Dimensions of PCB pad
(Top View)
No. of
poles
Models
A
2
A6HF-2102
3.67
4
A6HF-4102
6.21
6
A6HF-6102
8.75
8
A6HF-8102
11.29
10
A6HF-0102
13.83
ON
12
9 10
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - A6HF-6102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6H OMRON-A6H Datasheet
441Kb / 4P
   Half-pitch DIP Switch
A6H-0101 OMRON-A6H-0101 Datasheet
207Kb / 2P
   Half-pitch DIP Switch
A6H-0101 OMRON-A6H-0101 Datasheet
441Kb / 4P
   Half-pitch DIP Switch
A6H-0101 OMRON-A6H-0101 Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
A6H-0101-P OMRON-A6H-0101-P Datasheet
441Kb / 4P
   Half-pitch DIP Switch
More results

Similar Description - A6HF-6102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6SN OMRON-A6SN Datasheet
281Kb / 3P
   Slide DIP Switch (SMT)
A6HR OMRON-A6HR Datasheet
230Kb / 2P
   Piano DIP Switch (SMT Half-pitch)
logo
CTS Corporation
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
   SMT Half Pitch DIP Switch?밃uto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
   SMT Half Pitch DIP Switch?밃uto Placeable
218 CTS-218_08 Datasheet
763Kb / 2P
   SMT Half Pitch DIP Switch-Auto Placeable
218 CTS-218 Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
logo
Omron Electronics LLC
A6TN OMRON-A6TN Datasheet
242Kb / 2P
   Slide DIP Switch
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
   DIP Switch Half Pitch SMT for Highest Reliability
logo
Omron Electronics LLC
A6H-4101 OMRON-A6H-4101 Datasheet
207Kb / 2P
   Half-pitch DIP Switch
A6H OMRON-A6H Datasheet
441Kb / 4P
   Half-pitch DIP Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com