Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS854S14I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS854S14I
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S14I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS854S14I Datasheet HTML 2Page - Integrated Device Technology ICS854S14I Datasheet HTML 3Page - Integrated Device Technology ICS854S14I Datasheet HTML 4Page - Integrated Device Technology ICS854S14I Datasheet HTML 5Page - Integrated Device Technology ICS854S14I Datasheet HTML 6Page - Integrated Device Technology ICS854S14I Datasheet HTML 7Page - Integrated Device Technology ICS854S14I Datasheet HTML 8Page - Integrated Device Technology ICS854S14I Datasheet HTML 9Page - Integrated Device Technology ICS854S14I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IDT/ ICSLVDS FANOUT BUFFER
6
ICS854S14AKI REV. A FEBRUARY 23, 2007
ICS854S14I
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
GND
nIN
V
DD
IN
SCOPE
Qx
nQx
LVDS
2.5V±5%
POWER SUPPLY
+–
Float GND
tsk(pp)
tsk(o)
nQx
Qx
nQy
Qy
PART 1
PART 2
nQx
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
t
PD
nIN
Q0:Q3
nQ0:nQ3
IN
V
IH
Cross Points
V
IN
V
IL
V
DD


Similar Part No. - ICS854S14I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
   Eight differential LVDS output pairs
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
   Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results

Similar Description - ICS854S14I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411I IDT-ICS85411I Datasheet
294Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com