Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17710_1110 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17710_1110
Description  MAX17710 Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17710_1110 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17710_1110 Datasheet HTML 1Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 2Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 3Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 4Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 5Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 6Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 7Page - Maxim Integrated Products MAX17710_1110 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SEL1
JU4 SHUNT POSITION
REG (V)
BATT
1-2
1.8
GND
2-3
2.3
Unconnected
Not installed*
3.3
_________________________________________________________________ Maxim Integrated Products 4
MAX17710 Evaluation Kit
Evaluates: MAX17710
Charger
The CHG test point monitors the CHG pin. The CHG test
point is connected to the output of the boost regulator
and the CHG pin is the input to the battery charger. The
IC charges the MEC based off the voltage on the CHG
test point. The power sources to the CHG test point can
come from solenoid, piezo, mechanical, or RF sources,
and must exceed the MEC voltage. When CHG exceeds
the MEC voltage by 50mV, the IC uses the CHG supply
to charge the on-board MEC. The IC is designed to use
input supplies from energy-harvesting sources, which
are highly variable, poorly regulated, and usually power-
limited. Apply the variable input supply source to the
AC+ and AC- test points. The power source is rectified
and supplied to the CHG test point through the full-wave
bridge diode (D2).
Internal Boost
For power sources that are lower than the battery
voltage, such as solar or the above-mentioned sources,
the IC features a boost converter to step up the voltage to
charge the on-board MEC. The output of the boost is the
CHG test point. The IC uses the voltage on the CHG test
point to charge the MEC. An additional power source can
be present on CHG through the AC+ and AC- test points
while the boost is active.
Figure 1 shows the CHG test-point voltage observed on an
oscilloscope with ambient light using the on-board
solar cells as the power source. The number of pulses
increase as the EV kit is brought closer to the light source
and decrease when taken away from the light source.
Power Sources
The on-board power source is a parallel connection of
three solar cells. The voltage can be monitored on the
SOLAR+ and GND test points. The start-up voltage for
the IC boost is approximately 750mV at the FB pin. To
supply an external power source, remove the shunt from
jumper JU3 and apply the power source to the SOLAR+
and GND test points.
On-Board Micro-Energy Cell (BATT)
The EV kit features the THINERGY micro-energy cell
(MEC) from IPS as the on-board energy storage cell.
The MEC101 included on the EV kit is roughly the size of
a postage stamp and is soldered directly to the board.
The BATT footprint can also accommodate the MEC201.
Caution: The MEC case is conductive. To protect the
MEC, do not touch the MEC with conductive material.
MEC Pack Power
The IC has a regulator output and battery pack output
(PCKP) to provide power to external loads. The IC PCKP
test point provides the MEC voltage to external loads
while the REG test point provides a regulated voltage
(Table 3). External unregulated loads from the MEC
should always be connected through the PCKP test
point. External loads connected directly from the MEC
can cause irreversible damage to the MEC if the voltage
goes too low.
LED Indicator On Pack Power
The D5 LED is connected through a digital FET at the
PCKP test point. The LED blinks as pulses are generated
at the CHG test point. The LED is a visual display that the
boost regulator is operating.
Logic Inputs
The EV kit provides various pushbutton switches and test
points to evaluate the device. There are two regulators
internal to the IC, which are available through AE and
LCE. AE controls the default regulator and LCE controls
the low-current regulator.
Regulator Output Enable (AE)
The IC features a default regulator that can be enabled
by the AE signal. Press the S1 switch to connect PCKP
and enable the default regulator. Press the S2 switch
to disconnect PCKP and disable the default regulator
output. The output voltage is selected by jumper JU4
(see Table 3). If the MEC voltage drops below 2.15V,
the AE and PCKP outputs are disabled until a charger
is applied.
Low-Current Mode Enable (LCE)
The IC features a low-current regulator that reduces
the quiescent current by a factor of 5. The low-current
regulator can be enabled by the LCE and AE signals.
To enter the low-current mode, first turn on the default
regulator by pressing S1, then press S3 to enable the
low-current regulator, and finally turn off the default regu-
lator by pressing S2. Afterwards, press S4 to disable the
low-current regulator. If low-current mode is enabled,
pressing S1 enables the default regulator, but pressing
S2 switches back to the low-current regulator if originally
enabled. If the MEC voltage drops below 3V, the AE and
PCKP outputs are disabled until a charger is applied.
Regulator Output Voltage (SEL1)
Table 3 shows the regulator output options. SEL1 is con-
nected to jumper JU4. The regulator output is locked
when the regulator is active. To change the regulator
output voltage, first change the setting on jumper JU4 to
obtain the desired output voltage (Table 3), then press
S2 and S4 to disable both the default and low-current
regulators. Lastly, press S1 to enable the default regula-
tor and optionally S3 to enable the low-current regulator.
The regulator output voltage can be monitored on the
REG test point and outputs the new voltage.
Table 3. Regulator Output Voltage (SEL1)
*Default position.


Similar Part No. - MAX17710_1110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
More results

Similar Description - MAX17710_1110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com