Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC461LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC461LP3
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC461LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC461LP3_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC461LP3_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 255
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
2, 3, 5 - 8,
10, 11, 13 - 16
N/C
This pin may be connected to RF ground.
1, 4
IN1, IN2
RF Input. This pin is AC coupled.
An off chip series matching capacitor is required.
9, 12
OUT1, OUT2
RF output and DC Bias for the output stage.
GND
Package bottom must be connected to RF/DC ground.
Recommended Application Circuit for Balanced Amplifier Configuration
Recommended Component Values
L1, L2
8.2 nH
C1, C2
2.2 μF
C5, C6
5.0 pF
C7, C8
0.9 pF
C3, C4
100 pF
C7, C8
0.8 pF
C9, C10
4.0 pF
R1, R2
130 Ohm
TL1
TL2
Impedance
50 Ohm
50 Ohm
Physical Length
0.09”
0.18”
Electrical Length
9.5°
19°
PCB Material: 10 mil Rogers 4350, Er = 3.48
Specifications and data reflect HMC461LP3 measured with external baluns in a balanced
amplifier configuration optimized for 1.85 - 2.2 GHz per application circuit herein.
Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705


Similar Part No. - HMC461LP3_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC461LP3_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com