Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC457QS16G Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC457QS16G
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC457QS16G Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC457QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 8Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 9Page - Hittite Microwave Corporation HMC457QS16G Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 247
Pin Number
Function
Description
Interface Schematic
1
Vcc
Power supply voltage for the first amplifier stage. External
bypass capacitors are required as shown in the application
schematic.
2, 4, 5, 7,
9, 16
GND
Ground: Backside of package has exposed metal ground
slug that must also be connected to RF/DC ground.
Vias under the device are required.
3
Vbias
Power Supply for Bias Circuit
6
RFIN
This pin is AC coupled
and matched to 50 Ohms
8
Vpd
Power control pin. For maximum power, this pin should be
connected to +5V. A higher voltage is not recommended. For
lower idle current, this voltage can be reduced.
10 - 15
RFOUT
RF output and DC bias for the output stage.
Pin Descriptions
HMC457QS16G / 457QS16GE
InGaP HBT 1 WATT POWER
AMPLIFIER, 1.7 - 2.2 GHz
v03.0907


Similar Part No. - HMC457QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results

Similar Description - HMC457QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com