Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC454ST89E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC454ST89E
Description  InGaP HBTWATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC454ST89E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC454ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 6Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 8Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 192
Output IP3 vs. Temperature @ 900 MHz
Noise Figure vs. Temperature @ 900 MHz
Gain, Power & Output IP3
vs. Supply Voltage @ 900 MHz
Reverse Isolation
vs. Temperature @ 900 MHz
34
35
36
37
38
39
40
41
42
43
44
0.7
0.8
0.9
1
1.1
1.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
5
6
7
8
9
10
11
12
13
14
15
0.7
0.8
0.9
1
1.1
1.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.7
0.8
0.9
1
1.1
1.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
4.5
4.75
5
5.25
5.5
GAIN
P1dB
PSAT
IP3
Vs (V)
5.5V
5.0V
4.5V
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
7
8
9
101112131415161718
19
Channel Output Power (dBm)
CDMA IS95
Frequency : 880 MHz
Integration BW: 1.228 MHz
Forward Link, 9 Channels
Source ACPR
ACPR vs. Supply Voltage @ 880 MHz
CDMA IS95, 9 Channels Forward
HMC454ST89 / 454ST89E
v05.0710
InGaP HBT ½ WATT HIGH IP3
AMPLIFIER, 0.4 - 2.5 GHz


Similar Part No. - HMC454ST89E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC454ST89E AD-HMC454ST89E Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
More results

Similar Description - HMC454ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
   InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
WJ Communication. Inc.
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com