Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9LPRS525_1107 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9LPRS525_1107
Description  56-pin CK505 for Intel Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS525_1107 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9LPRS525_1107 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS525_1107 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IDTTM
PC MAIN CLOCK
1484E—07/07/11
ICS9LPRS525
PC MAIN CLOCK
7
CPU
SRC/SATA
DOT96
BMC133
100
100
100
100
ppm
85
85
250
125
ps
-0.50%
-0.50%
0
-0.50%
%
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 C lock
-c2c jitter
AbsPer
Min
-SSC
Short-
Term
Average
Min
- ppm
Long-
Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-
Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c jitter
AbsPer
Max
100.00
9.91400
9.99900
10.00000 10.00100
10.08600
ns
1,2
133.33
7.41425
7.49925
7.50000
7.50075
7.58575
ns
1,2
166.67
5.91440
5.99940
6.00000
6.00060
6.08560
ns
1,2
200.00
4.91450
4.99950
5.00000
5.00050
5.08550
ns
1,2
266.67
3.66462
3.74962
3.75000
3.75037
3.83537
ns
1,2
333.33
2.91470
2.99970
3.00000
3.00030
3.08530
ns
1,2
400.00
2.41475
2.49975
2.50000
2.50025
2.58525
ns
1,2
SRC/SATA
100.00
9.91400
9.99900
10.00000 10.00100
10.08600
ns
1,2
DOT96
96.00
10.16563
10.41563 10.41667 10.41771
10.66771
ns
1,2
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 C lock
-c2c jitter
AbsPer
Min
-SSC
Short-
Term
Average
Min
- ppm
Long-
Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-
Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c jitter
AbsPer
Max
99.75
9.91406
9.99906
10.02406 10.02506 10.02607
10.05107
10.13607
ns
1,2
133.00
7.41430
7.49930
7.51805
7.51880
7.51955
7.53830
7.62330
ns
1,2
166.25
5.91444
5.99944
6.01444
6.01504
6.01564
6.03064
6.11564
ns
1,2
199.50
4.91453
4.99953
5.01203
5.01253
5.01303
5.02553
5.11053
ns
1,2
266.00
3.66465
3.74965
3.75902
3.75940
3.75977
3.76915
3.85415
ns
1,2
332.50
2.91472
2.99972
3.00722
3.00752
3.00782
3.01532
3.10032
ns
1,2
399.00
2.41477
2.49977
2.50602
2.50627
2.50652
2.51277
2.59777
ns
1,2
SRC
99.75
9.91406
9.99906
10.02406 10.02506 10.02607
10.05107
10.13607
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
Cycle to Cycle Jitter
Differential Clock Tolerances - SPEC
PPM tolerance
Spread
SSC OFF
Center
Freq.
MHz
Measurement Window
Units Notes
Center
Freq.
MHz
Measurement Window
Units Notes
CPU
2
All Long Term Accuracy specifications are guaranteed with the assumption that the crystal input is tuned to exactly
14.31818MHz.
CPU
SSC ON


Similar Part No. - ICS9LPRS525_1107

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
More results

Similar Description - ICS9LPRS525_1107

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
   56-pin CK505 for Intel Systems
2019
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
   56-pin CK505 for Intel Desktop Systems
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
   56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
   56-pin CK505 for Intel Desktop Systems
2019
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com