Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C01-0050-01-00 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # C01-0050-01-00
Description  Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

C01-0050-01-00 Datasheet(HTML) 1 Page - ice Components, Ins.

  C01-0050-01-00 Datasheet HTML 1Page - ice Components, Ins. C01-0050-01-00 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Schematic
Features
• Closed Magnetic Path Offers Superior
Performance
• Low Profile or Vertical Mount Available
• Windings Balanced Within 1%
• Provides 3.0mm Clearance Between
Windings
units: mm
Packaging Tray=40 piece, Box=10 trays, Box=400 pieces
Part Number
Inductance
(mH min.)*
IDC
(Amps)
Lkg. L
*(uH max.)
SRF
(MHz min.)
DCR
(m
Ω max.)
Isolation
(V rms)
C01-0150-02-00
15
1
125
0.25
320
1250
C01-0110-02-00
11
2
90
0.3
200
1250
C01-0075-02-00
7.5
3
65
0.3
90
1250
C01-0030-02-00
3
5
40
1.1
45
1250
C01-0020-02-00
2
8
25
0.8
20
1250
C01-0012-02-00
1.2
12
15
2
12
1250
*Measured @ 10 kHz, 0.5V rms
Part Number
Inductance
(mH min.)*
IDC
(Amps)
Lkg. L
*(uH max.)
SRF
(MHz min.)
DCR
(m
Ω max.)
Isolation
(V rms)
C01-0100-01-00
10
1
85
0.3
250
1250
C01-0050-01-00
5
2
45
0.6
100
1250
C01-0030-01-00
3
3
30
0.8
50
1250
C01-0020-01-00
2
5
25
1.1
30
1250
C01-0012-01-00
1.2
8
15
1
16
1250
C01-0008-01-00
0.8
12
12
1.5
9
1250
*Measured @ 10 kHz, 0.5V rms
42.6 max
23.3+/-0.2
Dot for pin 1
C01-XXXX-02-00
ICA YYWW
1.2 DIA
5.0+/-0.3
3 mm Creepage Spacer
3
4
1
4
30.6+/-0.3
2
1
4
3
TOP VIEW
Applications
• Switching Power
Supply Input Circuits
1
2
4
3
E L E C T R I C A L
S P E C I F I C A T I O n S — H I G H
S E R I E S
E LECTRICAL
S PECIFICA TIO n S —S T A n D ARD
SERIES
M E C H A n I C A L
-
H I G H
I n D u C T A n C E
C01 Series
Common Mode Choke
68
(03/08) C01-1


Similar Part No. - C01-0050-01-00

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
C01-0050-01-00 ICE-C01-0050-01-00 Datasheet
373Kb / 2P
   Common Mode Choke
More results

Similar Description - C01-0050-01-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com