Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC449LC3B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC449LC3B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC449LC3B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC449LC3B_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 77
HMC449LC3B
v02.1208
Output Power vs.
Temperature @ 0 dBm Drive Level
Output Power vs.
Supply Voltage @ 0 dBm Drive Level
Output Power vs. Drive Level
Pin vs. Pout @ 3 Frequencies
Isolation @ 0 dBm Drive Level
0
3
6
9
12
15
26
27
28
29
30
31
32
+25C
+85C
-40C
OUTPUT FREQUENCY (GHz)
-5
-2
1
4
7
10
13
-6
-4
-2
0
2
4
6
8
Fout=27 GHz
Fout=29 GHz
Fout=31 GHz
INPUT POWER (dBm)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
26
27
28
29
30
31
32
Fo
2Fo
3Fo
OUTPUT FREQUENCY (GHz)
0
3
6
9
12
15
26
27
28
29
30
31
32
Vdd= 4.5V
Vdd= 5.0V
Vdd= 5.5V
OUTPUT FREQUENCY (GHz)
-10
-6
-2
2
6
10
14
26
27
28
29
30
31
32
OUTPUT FREQUENCY (GHz)
+6 dBm
+4 dBm
+2 dBm
0 dBm
-2 dBm
-4 dBm
-6 dBm
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 27 - 31 GHz OUTPUT


Similar Part No. - HMC449LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC449LC3B HITTITE-HMC449LC3B Datasheet
305Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results

Similar Description - HMC449LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B_09 Datasheet
193Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B Datasheet
305Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
logo
Analog Devices
HMC577LC4B AD-HMC577LC4B Datasheet
314Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC942LP4E HITTITE-HMC942LP4E Datasheet
581Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 25 - 31 GHz OUTPUT
HMC449 HITTITE-HMC449_07 Datasheet
257Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449_09 Datasheet
241Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com