Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

75N43102 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 75N43102
Description  NETWORK SEARCH ENGINE 32K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75N43102 Datasheet(HTML) 3 Page - Integrated Device Technology

  75N43102_05 Datasheet HTML 1Page - Integrated Device Technology 75N43102_05 Datasheet HTML 2Page - Integrated Device Technology 75N43102_05 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6.42
3
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N43102
Signal Descriptions
Pin Function
I/O
Description
NSE Buses:
Request Strobe
Input
This input sig nifies a valid input request and signals the start of an NSE operation cycle.
Command Bus
Input
This defines the instruction to be performed by the NSE and selects a global mask
register.
Request Data Bus
Input/Output
Three State
The Request Data Bus is a multiplexed address/data bus used to perform reads (and
writes) from (to) the NSE, and to present search data for lookups.
Index Bus
Output
Three State
This bus is used to drive the Lookup result information directly to the NSE's ASIC/FPGA.
The Index Bus contains the encoded location at which the compare was found.
Clock and Initialization:
Clock Input
Input
All inputs and outputs are referenced to the positive edge of this clock.
Clock Phase Enable
Input
This signal is used to generate an internal clock at ½ the frequency of the input clock.
Reset
Input
This pin will fo rce all outputs to a high impedence condition, as well as clearing the NSE
enable bit.
Depth Expansion:
Configuration
Input
Configures the De vice ID at power up.
Configuration
Output
Configures the De vice ID at power up.
Match
Input
Input
The Match Input signal is driven by the upstream Match Output signal. This indicates to the
down stream NSE that a hit in the higher priority NSE has occurred.
Match
Output
Output
The Match Output signal sig nifies that a match has occurred in the NSE. The signal is fed
into the Match Input line of the lower priority NSE.
6435 tbl 01


Similar Part No. - 75N43102_05

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
More results

Similar Description - 75N43102_05

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
STMicroelectronics
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
   32K x 68-bit Entry NETWORK SEARCH ENGINE
Integrated Device Technology
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
STMicroelectronics
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com