Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC443LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC443LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC443LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC443LP4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC443LP4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC443LP4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC443LP4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC443LP4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC443LP4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 45
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Vcc (V)
Icc (mA)
4.5
51
5.0
52
5.5
54
RF Input (Vcc = +5V)
+20 dBm
Vcc
+5.5V
Channel Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 7.6 mW/°C above 85 °C)
500 mW
Thermal Resistance (R
th
)
(junction to ground paddle)
130.8 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Note: Multiplier will operate over full voltage range shown
above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC443LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H443
XXXX
HMC443LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H443
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
v04.0210
HMC443LP4 / 443LP4E


Similar Part No. - HMC443LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
More results

Similar Description - HMC443LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4 Datasheet
251Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC695LP4 AD-HMC695LP4 Datasheet
428Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER
logo
Hittite Microwave Corpo...
HMC695LP4 HITTITE-HMC695LP4_10 Datasheet
533Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4_07 Datasheet
627Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com