Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC442LM1 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC442LM1
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC442LM1 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC442LM1 Datasheet HTML 1Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 2Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 3Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 4Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 5Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 6Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 7Page - Hittite Microwave Corporation HMC442LM1 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 106
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17.5 - 21.0
21.0 - 24.0
GHz
Gain
10.5
13
10.5
14
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
dB/ °C
Input Return Loss
10
10
dB
Output Return Loss
7
8
dB
Output Power for 1 dB Compression (P1dB)
17
20
18.5
21.5
dBm
Saturated Output Power (Psat)
23
23.5
dBm
Output Third Order Intercept (IP3)
28
27
dBm
Noise Figure
76.5
dB
Supply Current (Idd)(Vdd = 5V, Vgg = -1V Typ.)
85
85
mA
HMC442LM1
General Description
Features
Functional Diagram
The HMC442LM1 is a broadband 17.5 to 24 GHz
GaAs PHEMT MMIC Medium Power Amplifier in a
SMT leadless chip carrier package. The LM1 is a true
surface mount broadband millimeterwave package
offering low loss & excellent I/O match, preserving
MMIC chip performance. The amplifier provides
14 dB of gain and +23 dBm of saturated power at
27% PAE from a +5V supply voltage. This 50 Ohm
matched amplifier has integrated DC blocks on RF
in and out and makes an ideal linear gain block,
transmit chain driver or LO driver for HMC SMT mixers.
As an alternative to chip-and-wire hybrid assem-
blies the HMC442LM1 eliminates the need for
wirebonding, thereby providing a consistent con-
nection interface for the customer.
Saturated Power: +23 dBm @ 27% PAE
Gain: 14 dB
Supply Voltage: +5V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 85 mA*
Typical Applications
The HMC442LM1 is an ideal gain block or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
*Adjust Vgg between -1.5 to -0.5V to achieve Idd = 85 mA typical.
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 17.5 - 24.0 GHz
v01.0807


Similar Part No. - HMC442LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
349Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC442LM1 AD-HMC442LM1 Datasheet
412Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC442LM1 AD-HMC442LM1 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC442LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
HMC442 HITTITE-HMC442_09 Datasheet
241Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B_08 Datasheet
227Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442 Datasheet
233Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
   21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com