Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2011-0000-000P00G030H Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA2011-0000-000P00G030H
Description  Cree짰 XLamp짰 CXA2011 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P00G030H Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA2011-0000-000P00G030H Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 9Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 10Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 11Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
XLamp CXa2011 LED
Bin and order code formats
Bin codes and order codes are configured as follows:
order code
Bin code
2600K
2700K
2900K
3000K
3200K
3500K
3700K
4000K
4300K
4500K
4750K
5000K
5300K
3A0
3B0
3C0
3D0
5A0
5B0
5C0
5D0
6A0
6B0
6C0
6D0
7A0
7B0
7C0
7D0
8A0
8B0
8C0
8D0
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI
C78.377A
cree ansi white Bins Plotted on the 1931 cie color sPace (t
J=85°c)
SSSSSCC-HHHH-NNNGGNNNNNN
Series = CXA20
Internal code
Kit code
Vf class: P0 = 40-V class
Performance class
SSSSSCC-WWW-FF-GGA-AAAAA
Series = CXA20
Chromaticity bin
Vf class: P0 = 40-V class
Internal code
Color specification
H = 80 CRI minimum
E = 77 CRI minimum
B = 70 CRI minimum
Flux bin
Performance class


Similar Part No. - CXA2011-0000-000P00G030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Similar Description - CXA2011-0000-000P00G030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com