Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P500-G200-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # P500-G200-WH
Description  TBU짰 P500-G and P850-G Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P500-G200-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  P500-G200-WH Datasheet HTML 1Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 2Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 3Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 4Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 5Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 6Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Formerly
brand
Extremely high speed performance
Blocks high voltages and currents
Two TBU® protectors in one small package
Simple, superior circuit protection
Minimal PCB area
RoHS compliant*, UL Recognized
TBU® P500-G and P850-G Protectors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Transient Blocking Units - TBU® Devices
Bourns® Model P500-G and P850-G TBU® products are high
speed bidirectional protection components, constructed
using MOSFET semiconductor technology, designed to protect
against faults caused by short circuits, AC power cross,
induction and lightning surges.
The TBU® high speed protector, triggering as a function of
the MOSFET, blocks surges and provides an effective barrier
behind which sensitive electronics are not exposed to large
voltages or currents during surge events. The TBU® device is
provided in a surface mount DFN package and meets industry
standard requirements such as RoHS and Pb Free solder
reflow profiles.
Electrical Characteristics (Tamb = 25 °C)
The P-G series TBU® devices are bidirectional; specifications are valid in both directions.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Iop
Maximum current through the device that will not cause
current blocking
P500-G120-WH
P500-G200-WH
P850-G120-WH
P850-G200-WH
100
200
100
200
mA
Itrigger
Typical current for the device to go from normal operating
state to protected state
P500-G120-WH
P500-G200-WH
P850-G120-WH
P850-G200-WH
150
275
150
275
mA
Iout
Maximum current through the device
P500-G120-WH
P500-G200-WH
P850-G120-WH
P850-G200-WH
200
400
200
400
mA
Rdevice
Series resistance of the TBU® device
50
55
Ω
Rbal
Line-to line series resistance difference between two TBU® devices
2
Ω
tblock
Maximum time for the device to go from normal operating
state to protected state
1µs
Iquiescent
Current through the triggered TBU® device with 50 Vdc circuit
voltage
0.7
mA
Vreset
Voltage below which the triggered TBU® device will transition to
normal operating state
22
V
Absolute Maximum Ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vimp
Maximum protection voltage for impulse faults with rise time
≥ 1 µsec
P500-Gxxx-WH
P850-Gxxx-WH
500
850
V
Vrms
Maximum protection voltage for continuous Vrms faults
P500-Gxxx-WH
P850-Gxxx-WH
300
425
V
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-65 to +150
°C
Agency Approval
UL recognized component File # E315805.
Industry Standards
Description
Model
Telcordia
GR-1089
Port Type 2, 4
P500-G
Port Type 3, 5
P850-G
ITU-T
K.20, K.20E, K.21, K.21E, K.45
P850-G
The P500-G & P850-G Series are
currently available, but not recom-
mended for new designs. Bourns®
TBU-PL Series is preferred.


Similar Part No. - P500-G200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G200-WH BOURNS-P500-G200-WH Datasheet
755Kb / 7P
   Extremely high speed performance
P500-G200-WH BOURNS-P500-G200-WH Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P500-G200-WH BOURNS-P500-G200-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results

Similar Description - P500-G200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G_13 Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P650-U BOURNS-P650-U_11 Datasheet
784Kb / 6P
   P650-U and P850-U Series TBU짰 High-Speed Protectors
MOV-07D201K BOURNS-MOV-07D201K_12 Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_12 Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com