Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM29150R-3.0 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM29150R-3.0
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29150R-3.0 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29150R-3.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM29150R-3.0 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 11
-
HTC
Enable Input
The LM39101 and LM39102 versions feature an active-high enable input (EN) that allows on-off control of the
regulator. Current drain reduces to “zero” when the device is shutdown, with only micro amperes of leakage
current. The EN input has TTL/CMOS compatible thresholds for simple logic interfacing. EN may be directly
tied to VIN and pulled up to the maximum supply voltage
Transient Response and 3.3V to 2.5V or 2.5V to 1.8V Conversion
The LM39100/1/2 has excellent transient response to variations in input voltage and load current. The device
has been designed to respond quickly to load current variations and input voltage variations. Large output
capacitors are not required to obtain this performance. A standard 10µF output capacitor, preferably tantalum,
is all that is required. Larger values help to improve performance even further.
By virtue of its low-dropout voltage, this device does not saturate into dropout as readily as similar NPN-
based de-signs. When converting from 3.3V to 2.5V or 2.5V to 1.8V, the NPN based regulators are already
operating in dropout, with typical dropout requirements of 1.2V or greater. To convert down to 2.5V or 1.8V
without operating in dropout, NPN-based regulators require an input voltage of 3.7V at the very least. The
LM39100 regulator will provide excellent performance with an input as low as 3.0V or 2.5V respectively. This
gives the PNP based regulators a distinct advantage over older, NPN based linear regulators.
Minimum Load Current
The LM39100/1/2 regulator is specified between finite loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A 10mA minimum load current is necessary for proper
regulation.
Adjustable Regulator Design
The LM39102 allows programming the output voltage any-where between 1.24V and the 16V maximum
operating rating of the family. Two resistors are used. Resistors can be quite large, up to 1MΩ, because of the
very high input impedance and low bias current of the sense comparator: The resistor values are calculated
by : R1=R2(Vout/1.240-1) Where Vout is the desired output voltage. Figure 1 shows component definition.
Applications with widely varying load currents may scale the resistors to draw the minimum load current
required for proper operation (see below). The current consumed by feedback resisters R1 and R2 is
calculated by: Ires = Vout / (R1+ R2).
IN
OUT
EN
ADJ
GND
C OUT
LM39102
VOUT
VIN
Enable
Shutdown
R1
R2
Figure 1. Adjustable Regulator with Resistors
Maximum Output Current Capability
The LM39100/1/2 can deliver a continuous current of 1A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages. A


Similar Part No. - LM29150R-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29150R-3.0 HTC-LM29150R-3.0 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150R-3.0 HTC-LM29150R-3.0 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29150R-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com