Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM29150RS-3.0 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM29150RS-3.0
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29150RS-3.0 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29150RS-3.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29150RS-3.0 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 6
-
HTC
ELECTRICAL CHARACTERISTICS
VIN= VOUT +1V; VEN = 2.25V; TJ = 25°C, bold values indicate -40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
10mA
10mA ≤ IOUT ≤ 1A, VOUT+1V ≤ VIN ≤8V
-1
-2
1
2
%
%
Line Regulation
IOUT=10mA, VOUT +1V ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN= VOUT +1V, 10mA ≤ IOUT ≤ 1A
0.2
1
%
ΔVOUT/ΔT
Output Voltage Temp.
Coefficient
(Note 4)
40
100
ppm/ °C
IOUT=100mA, ΔVOUT = -1%
150
200
250
mV
mV
IOUT=500mA, ΔVOUT = -1%
275
mV
IOUT=750mA, ΔVOUT = -1%
330
500
mV
VDO
Dropout Voltage
(Note 5)
IOUT=1A, ΔVOUT = -1%
410
550
630
mV
mV
IOUT=100mA, VIN= VOUT+1V
700
μA
IOUT=500mA, VIN= VOUT+1V
4
mA
IGND
Ground Current
(Note 6)
IOUT=750mA, VIN= VOUT+1V
7
mA
IOUT(lim)
Current Limit
VOUT=0V, VIN=VOUT+1V
1.8
2.5
A
Enable Input
logic low (off)
0.8
V
VEN
Enable Input Voltage
logic high (on)
2.25
V
VEN=2.25V
1
15
30
75
μA
μA
IEN
Enable Input Current
VEN=0.8V
2
4
μA
μA
IOUT =10mA, VIN =VOUT +1V,
VEN =0V to VIN
50
500
IOUT =500mA, VIN =VOUT +1V,
VEN =0V to VIN
250
2000
TEN
Delay time to
Nominal Output Voltage
(Note 7)
IOUT =1.0A, VIN =VOUT +1V,
VEN =0V to VIN
350
3000
μs
Flag Output
IFLG (leak)
Output Leakage
Current
VOH=16V
0.01
1
2
μA
μA
VFLG (do)
Output Low Voltage
(Note 8)
VIN=0.9.VOUT NOMINAL, IOL=250μA
240
300
400
mV
mV
Low Threshold
% of VOUT
93
%
High Threshold
% of VOUT
99.2
%
VFLG
Hysteresis
1
%


Similar Part No. - LM29150RS-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29150RS-3.0 HTC-LM29150RS-3.0 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150RS-3.0 HTC-LM29150RS-3.0 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29150RS-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com