Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412AMS8GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 412AMS8GE
Description  DOUBLE-BALANCED MIXER, 9 - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

412AMS8GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  412AMS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 412AMS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 412AMS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 412AMS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 412AMS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 412AMS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +13 dBm
Input IP3 vs.
Temperature @ LO = +13 dBm*
Harmonics of LO
* Two-tone input power= -10 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive *
MxN Spurious @ IF Port
nLO
mrF
0
1
2
3
4
0
xx
9
28
41
N/A
1
34
0
38
37
41
2
>85
>85
71
>85
>85
3
>85
>85
>85
>85
>85
4
N/A
>85
>85
>85
>85
rF = 14.45 GHz @ -10 dBm
LO = 13 GHz @ +13 dBm
All values in dBc relative to the iF. Measured as downconverter.
nLO spur @ rF Port
LO Freq. (GHz)
1
2
3
4
9
41
33
56
55
10.5
44
45
57
71
12
47
52
52
N/A
13.5
43
60
60
N/A
15
37
63
55
N/A
16.5
32
67
50
N/A
LO = +13 dBm
All values in dBc below input LO level @ rF port.
5
6
7
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
16
+25C
+85C
-40C
FREQUENCY (GHz)
30
40
50
60
70
80
90
9
10
11
12
13
14
15
16
17
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
FREQUENCY (GHz)
10
15
20
25
30
9
10
11
12
13
14
15
16
17
+25C
+85C
-40C
FREQUENCY (GHz)
10
15
20
25
30
9
10
11
12
13
14
15
16
17
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
FREQUENCY (GHz)
HMC412AMS8G / 412AMS8GE
v00.0910
DOUBLE-BALANCED
MIXER, 9 - 15 GHz


Similar Part No. - 412AMS8GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
412A ETC2-412A Datasheet
469Kb / 4P
   RELIABLE HARD GLASS MINIATURE FULL-WAVE RECTIFIER
More results

Similar Description - 412AMS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC412MS8G HITTITE-HMC412MS8G_10 Datasheet
498Kb / 6P
   DOUBLE-BALANCED MIXER, 9 - 15 GHz
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
   GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
   15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
logo
Hittite Microwave Corpo...
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
   2.5-GHz Double balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com