Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AN Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part No. MC34063AN
Description  DC-DC Converter Control Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

MC34063AN Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button MC34063AN Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. MC34063AN Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DC-DC Converter Control Circuits
MC34063A
Dual Output Voltage
+12V
GND
-12V
VIN
Higher Output Power, Higher Input Voltage
+VOUT
-VOUT
VIN
May. 2009 - Rev. 1.2
HTC
10 −
Rsc
5
Q2
Q1
comparator
Ipk Oscillator
1.25V
Reference
Regulator
+
+
6
7
8
1
2
3
4
S
Q
R
Rsc
2
3
4
6
Ipk Oscillator
1.25V
Reference
Regulator
7
7
1
8
5
+
+
Isolated from input
S
Q
R
comparator
-
+
-
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn