Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM29151R-2.5 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM29151R-2.5
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151R-2.5 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM29151R-2.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 4
-
HTC
PIN CONFIGURATION
TO-263 3L
TO-263 5L
TO-252 3L
TO-252 5L
TO-220 3L
TO-220 5L
PIN DESCRIPTION
TO-220 / TO-263 / TO-252 3L (for LM29150)
TO-220 / TO-263 / TO-252 5L (for LM29151/2)
Pin No.
Name
Function
Name
Function
1
VIN
Input Supply
EN
Chip Enable
2
GND
Ground
VIN
Input Supply
3
VOUT
Output Voltage
GND
Ground
4
-
-
VOUT
Output Voltage
5
-
-
FLG / ADJ
Error Flag Output
or Output Adjust
3 OUTPUT
2 GND
1 INPUT
3 OUTPUT
2 GND
1 INPUT
5 FLG / ADJ
4 OUTPUT
3 GND
2 INPUT
1 EN
5 FLG/ADJ
4 OUTPUT
3 GND
2 INPUT
1 EN
5 FLG / ADJ
4 OUTPUT
3 GND
2 INPUT
1 EN
3 OUTPUT
2 GND
1 INPUT


Similar Part No. - LM29151R-2.5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29151R-2.5 HTC-LM29151R-2.5 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-2.5 HTC-LM29151R-2.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29151R-2.5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com