Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3842A Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM3842A
Description  CURRENT MODE PWM CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM3842A Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM3842A Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CURRENT MODE PWM CONTROLLER
LM3842A/3A/4A/5A
ELECTRICAL CHARACTERISTIC
(Vcc=15V(Note 1), RT = 10kΩ, CT=3.3nF 0 ≤ TA ≤ 70℃ ; unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
Tj = 25℃, IO=1 mA
4.90
5.00
5.10
V
Line Regulation
Vo
12V ≤ Vcc ≤ 25V
2
20
mV
Load Regulation
Vo
1mA ≤ Io ≤ 20mA
3
25
mV
Output Short Circuit Current
Isc
TA = 25℃
-85
-180
mA
OSCILLATOR SECTION
Normal Frequency
FOSC
Tj = 25℃
47
52
57
kHz
Voltage Stability
Sv
12V ≤ Vcc ≤ 25V
0.2
1
%
Amplitude
Vosc
1.6
Vp-p
ERROR AMPLIFIER SECTION
Input B
Current
IIB
-0.1
-2
μA
Feedback Input Voltage
VFB
Vo=2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
AVOL
2V≤ Vo ≤ 4V
65
90
dB
Power Supplier Rejection Ratio
PSRREA
12V ≤ Vcc ≤ 25V
60
70
dB
Output Sink Current
ISI
VFB=2.7V, Vo - 1.1V
27
mA
Output source Current
ISO
V
= 2.3V, Vo=5V
-0.5
-1.0
mA
Output Voltage High
VOH
VFB=2.7V, RL=15kΩ to GND
56
V
Output Voltage Low
VOL
VFB=2.7V, RL=15kΩ to VRGR
0.8
1.1
V
CURRENT SENSE SECTION
Input Voltage Gain
Av
(Note 2 & 3)
2.85
3
3.15
V/V
Maximum Input Signal
VMAX
Vo=5V (Note 2)
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRRSC
12V ≤ Vcc ≤ 25V
70
dB
Input Bias Current
IIB
-3
-10
μA
OUTPUT SECTION
Isink = 20mA
0.1
0.4
V
Isink = 20mA
1.5
2.2
V
Isource = 20mA
13
13.5
V
Isource = 20mA
12
13.0
V
Rise Time
Tj = 25℃, CL=1nF
45
150
nS
Fail Time
Tj = 25℃, CL=1nF
35
150
nS
UNDERVOLTAGE LOCKOUT SECTION
14.5
16
17.5
8.5
10
11.5
PWM SECTION
14.5
16
17.5
TOTAL STANDBY CURRENT
Operating Supply Current
ICC
Zener Voltage
Viz
Ii = 25mA
30
HTC
VOL
V
38
V
mA
Start-up Current
7.8
8.4
Maximum Duty Cycle
Dmax
3842A/3843A
3844A/3845A
Output Voltage Low
Output Voltage High
Start Threshold
Minimum Operating Voltage (After Turn-on
VOH
Tr
Tt
3842A/3844A
Vth
8.2
V
3843A/3845A
0.17
0.3
mA
9
Vcc=6.5V for 3843A/3845A
9
Ist
Vcc=14V for 3842A/3844A
7.8
8.4
7.0
7.6
VCC(MIN)
3842A/3844A
3843A/3845A
2 −
0.17
0.3
14
mA
17
Vpin2=Vpin3=0V
V
V
V
V


Similar Part No. - LM3842A

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AD HTC-LM3842AD Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AN HTC-LM3842AN Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM3842A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com