Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2951D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2951D
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2951D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2951D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2951D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2951D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2951D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950/1
ELECTRICAL CHARACTERISTICS (at T
a=25℃, VIN=15V, unles otherwise specified)
-25℃ ≤TJ ≤85℃
0.985|V0
1.015|V0
Full Operating Temperature
0.980|V0
1.020|V0
Output Voltage
100㎂≤IL≤100㎃,TJ≤TJMAX
0.976|V0
1.024|V0
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 3)
V0+1V≤VIN≤30V
Load Regulation (Note 3)
100㎂≤IL≤100㎃
IL=100㎂
IL=100㎃
ELECTRICAL CHARACTERISTICS (at T
a=25℃, VIN=15V, unles otherwise specified)
IL=100㎂
IL=100㎃
Dropout Ground Current
VIN=V0-0.5V, IL=100㎂
Current Limit
VOUT=0
Thermal Regulation
CL=1㎌
CL=200㎌
CL=3.3㎌
(Bypass=0.01㎌ pins 7 to 1
Error Comparator
Output Leakage Current
VOH=30V
Output Low Voltage
VIN=4.5V, IOL=400㎂
Upper Threshold Voltage
(Note 6)
Lower Threshold Voltage
(Note 6)
Hysteresis
(Note 6)
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=30V
(Note 7)
Feb 2009 - Rev. 1.2
HTC
3 −
2.0V≤VOUT<3.3V
Regulator Output Current Shutdown
20
30
VOUT=5.0V
3.3V≤VOUT<5.0V
2
1.3
0.7
8
Shutdown Pin Input Current
Input Logic Voltage
Ground Current
Output Noise, 10Hz to 100kHz
110
160
75
Output Voltage
V0
0.04
Dropout Voltage (Note 4)
50
50
0.1
μVr㎳
120
12
170
250
%/W
0.2
75
0.05
15
430
160
100
1.0
250
15
0.01
150
40
V
30
3
50
600
10
450
60
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
UNITS
PARAMETER
UNITS
V
V0
CONDITIONS (Note 2)
MIN
TYP
MAX
150
ppm/℃
0.4
%
380
450
0.3
%
80


Similar Part No. - LM2951D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM295 NSC-LM295 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
List of Unclassifed Man...
LM2950 ETC-LM2950 Datasheet
99Kb / 3P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-2.85 ETC-LM2950L-2.85 Datasheet
99Kb / 3P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.0 ETC-LM2950L-3.0 Datasheet
99Kb / 3P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.3 ETC-LM2950L-3.3 Datasheet
99Kb / 3P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2951D

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com