Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

387MS8E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 387MS8E
Description  HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

387MS8E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  387MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 6Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 7Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9
9 - 226
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF/IF Input
+25 dBm
LO Drive
+27 dBm
Channel Temperature (Tc)
150 °C
Thermal Resistance
175 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
IF DC Current
±40 mA
ESD Sensitivity (HBM)
Class 1A
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC387MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H387
XXXX
HMC387MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H387
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HIGH IP3 GaAs MMIC
MIXER, 450 - 500 MHz
v02.0705
HMC387MS8 / 387MS8E


Similar Part No. - 387MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
387MS8E HITTITE-387MS8E Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results

Similar Description - 387MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com