Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2931D
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2931D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2931D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2931D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2931D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2931D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2930/1
ELECTRICAL CHARACTERISTICS (at T
A=25℃, VIN=15V, unles otherwise specified)
-25℃ ≤TJ ≤85℃
0.985|VO
1.015|VO
Full Operating Temperature
0.980|VO
1.020|VO
Output Voltage
100㎂≤IL≤100㎃,TJ≤TJMAX
0.975|VO
1.025|VO
Input Supply Voltage
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 2)
13V ≤ VIN ≤ 26V (Note 3)
Load Regulation (Note 2)
1mA ≤ IL ≤ 100mA
IL=10mA
IL=100㎃
IL=100㎂
IL=10mA
IL=100㎃
Dropout Ground Current (Note 5)
VIN=V
O-0.5V, I
L=100㎂
Current Limit
V
O=0
Thermal Regulation (Note 6)
CL=2.2㎌
CL=3.3㎌
CL=33㎌
Reference Voltage
Reference Voltage
Over Temperature (Note 7)
Feedback Pin Bias Current
Reference Voltage Temperature Coefficient
(Note 1)
Feedback Voltage Temperature Coefficient
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=26V
(Note 8)
HTC
0.6
%
250
600
ppm/℃
V
26
0.4
%
150
MAX
UNITS
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
V
30
50
600
10
450
120
1.26
1.285
1.235
%/W
0.3
0.05
100
0.1
40
500
350
20
150
12
170
200
Output Voltage
VO
0.1
Dropout Voltage (Note 4)
60
VO
300
50
0.1
2.0V ≤ VO < 3.3V
Regulator Output Current Shutdown
20
30
5.0V ≤ VO < 15.0V
3.3V ≤ VO< 5.0V
Shutdown Pin Input Current
Input Logic Voltage
Ground Current (Note 5)
0.9
1.5
mA
- 3 -
2
1.3
0.7
8
110
160
mA
1.21
1.185
nA
ppm/℃
V
50
nA/℃
Output Noise, 10Hz to 100kHz
IL=10mA
Ripple Rejection Ratio
μVr㎳
dB
60
Io=10mA, f=120Hz, Co=100uF
Vin = Vo + 3V + 2Vpp
SOP-8 PKG only


Similar Part No. - LM2931D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2931D STMICROELECTRONICS-LM2931D Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
ON Semiconductor
LM2931D-5.0 ONSEMI-LM2931D-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931D-5.0 MOTOROLA-LM2931D-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931D-5.0 ONSEMI-LM2931D-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931D-5.0G ONSEMI-LM2931D-5.0G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931D

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com