Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576R Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576R
Description  3.0A, 52kHz, Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576R Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2576R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3.0A, 52kHz, Step-Down Switching Regulator
LM2576
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Maximum Junction Temperature
TJ
150
Lead Temperature (Soldering,10seconds)
-
260
Minimum ESD Rating(Human Body Model :
-
2.0
kV
C=100 pF, R=1.5㏀)
Storage Temperature Range
Tstg
-60 to +150
Thermal Resistance, Junction to Case
PθJC
5.0
℃/W
Thermal Resistance, Junction to Ambient
PθJA
70
℃/W
PθJC
5.0
℃/W
TO-263 5Lead
PD
Internally Limited
W
W
Thermal Resistance, Junction to Ambient
PθJA
65
℃/W
-
- 1.0
Power Dissipation
TO-220 5Lead
PD
Internally Limited
Thermal Resistance, Junction to Case
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
HTC
- 2 -
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
V
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application


Similar Part No. - LM2576R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576R ETC1-LM2576R Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2576R-12 ETC1-LM2576R-12 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576R-12 HTC-LM2576R-12 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576R-15 ETC1-LM2576R-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2576R-3.3 ETC1-LM2576R-3.3 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
More results

Similar Description - LM2576R

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Weitron Technology
WT2575M WEITRON-WT2575M Datasheet
975Kb / 11P
   2A Step-down Voltage Regulator Power Converter 52kHz
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com