Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1108 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108
Description  300mA CMOS L.D.O. Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1108 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
300mA CMOS L.D.O. Regulator
LM1108
ABSOLUTE MAXIMUM RATING
ELECTRICAL CHARACTERISTICS
Note.1 : Load Regulation is measured using pulse techniques with duty cycle<5%
HTC
- 2 -
Characteristic
Symbol
Value
Unit
Supply Voltage
Output Current
V
260
Vin
+6.5
°C
500
230
Iout
300
mA
V
°C
Operating Ambient Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +125
Lead Temperature (soldering, 5 sec)
Output Voltage
Vout
Vss-0.3 to Vin+0.3
mW
SOT89 PKG
Total Power Dissipation
SOT23 PKG
Pd
%


Similar Part No. - LM1108

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM1108SF HTC-LM1108SF Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM1108SF5 HTC-LM1108SF5 Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
More results

Similar Description - LM1108

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
   600mA CMOS L.D.O. Regulator
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com