Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC327MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC327MS8G
Description  GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC327MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 6
TL1
TL2
TL3
Impedance
50 Ohm
50 Ohm
50 Ohm
Length
0.038”
0.231”
0.1”
Note: C3 should be located <0.020” from Pin 8 (Vcc)
Note: C2 Should be located < 0.020” from L1
Pin Number
Function
Description
Interface Schematic
1Vpd
Power Control Pin. For proper control bias, this pin should be con-
nected to 5V through a series resistor of 130 Ohms. A higher voltage is
not recommended. For lower idle current, this voltage can be reduced.
2, 4, 7
GND
Ground: Backside of package has exposed metal ground paddle that
must be connected to ground thru a short path. Vias under the device
are required.
3RFIN
This pin is AC coupled
and matched to 50 Ohms.
5, 6
RFOUT
RF output and bias for the output stage. The power supply for the
output device needs to be supplied to these pins.
8Vcc
Power supply voltage for the first amplifier stage. An external bypass
capacitor of 330 pF is required. This capacitor should be placed as
close to the device as possible.
Pin Descriptions
Application Circuit
HMC327MS8G / 327MS8GE
v05.0509
GaAs InGaP HBT MMIC
1/2 WATT POWER AMPLIFIER, 3 - 4 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn