Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L12 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L12
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L12 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button LM79L12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L12 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 8
-
HTC
LM79L18 (At specified virtual junction temperature, VIN = 26V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-17.3
-18
-18.7
1mA ≤ Io ≤ 40mA
-20.5V ≤ VIN ≤ -33V
-17.1
-18
-18.9
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-17.1
-18
-18.9
V
-20.7V ≤ VIN ≤ -33V
70
360
Line Regulation
ΔVLINE
-21V ≤ VIN ≤ -33V
25℃
64
300
mV
1mA ≤ Io ≤ 100mA
27
180
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
19
90
mV
25℃
4.7
6.5
Bias Current
IB
125℃
6
mA
-21V ≤ VIN ≤ -33V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
-23V ≤ VIN ≤ -33V,
f=120Hz
25℃
32
36
dB
Dropout Voltage
VD
25℃
1.7
V
LM79L24 (At specified virtual junction temperature, VIN = 32V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-23
-24
-25
1mA ≤ Io ≤ 40mA
-27V ≤ VIN ≤ -38V
-22.8
-24
-25.2
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-22.8
-24
-25.2
V
-27V ≤ VIN ≤ -38V
95
480
Line Regulation
ΔVLINE
-28V ≤ VIN ≤ -38V
25℃
78
400
mV
1mA ≤ Io ≤ 100mA
41
240
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
28
120
mV
25℃
4.8
6.5
Bias Current
IB
125℃
6
mA
-21V ≤ VIN ≤ -38V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
-29V ≤ VIN ≤ -35V,
f=120Hz
25℃
30
33
dB
Dropout Voltage
VD
25℃
1.7
V


Similar Part No. - LM79L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79L12 NSC-LM79L12 Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Boca Semiconductor Corp...
LM79L12 BOCA-LM79L12 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L12 FCI-LM79L12 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L12 ETC1-LM79L12 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
Guangdong Kexin Industr...
LM79L12 KEXIN-LM79L12 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
More results

Similar Description - LM79L12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com